Part Number Hot Search : 
P1A10 D8G0717N AZ7023R SMF11AG 4B000 06A1A PL3843A PS9100VF
Product Description
Full Text Search
 

To Download WCR4C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . w w w w cr4c60 cr4c60 cr4c60 cr4c60 rev.a oct .2010 silicon silicon silicon silicon controlled controlled controlled controlled rectifiers rectifiers rectifiers rectifiers features ? repetitive peak off-state voltage : 600v ? r.m.s on-state current ( i t(rms) = 4 a ) ? low on-state voltage (1.6v(typ.) @ i tm ) ? isolation voltage(v iso =1500v ac) general description standard gate triggering scr is fully isolated package suitable for the application where requiring high bidirectional blocking voltage capability and also suitable for over voltage protection ,motor control circuit in power tool, inrush current limit circuit and heating control system. absolute maximum ratings ( t j = 25 c unless otherwise specified ) symbol parameter condition ratings units v drm repetitive peak off-state voltage 600 v i t(av) average on-state current ( 180 conduction angle ) t i = 60 c 1.35 a tamb=25 c 0.9 i t(rms) r.m.s on-state current ( 180 conduction angle ) t i = 60 c 4 a tamb=25 c 1.35 i tsm surge on-state current 1/2 cycle, 60hz, sine wavenon-repetitive 33 a i 2 t i 2 t for fusing t = 10 ms 4.5 a 2 s di/dt critical rate of rise of on-state current f=60hz,tj=125 c 50 a/ ? p gm forward peak gate power dissipation 0.5 w p g(av) forward average gate power dissipation tj=125 c 0.2 w i fgm forward peak gate current 1.2a a v iso isolation breakdown voltage(r.m..s) a,c.1minute 1500 v t j operating junction temperature -40~125 c c t stg storage temperature -40~150 c c thermal characteristics symbol parameter value units r j c thermal resistance junction to case(dc) 15 /w r j a thermal resistance junction to ambient (dc) 100 /w
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cr4c60 cr4c60 cr4c60 cr4c60 2 / 5 electrical characteristics (t c =25 unless otherwise noted) symbol parameter test conditions value units min typ max i drm repetitive peak off-state current v ak =v drm r gk =1k - - 10 a - - 1 ma v tm peak on-state voltage (1) itm=8a, tp=380 ? - 1.6 1.8 v i gt gate trigger current (2) v d =12v,r l =140 - - 15 m a v gt gate trigger voltage (2) - - 1.5 v v gd non-trigger gate voltage (1) v d =12v,r l =3.3k , r gk =1 k 0.1 v dv/dt critical rate of rise off-state voltage v d =67%v drm , r gk =1 k 200 - - v/ ? i h holding current i t =50ma, r gk =1 k - - 5 ma i l latching current i t =1ma, r gk =1 k 6 - - ma r d dynamic resistance t j =125 c - - 100 m note: note: note: note: 1. pulse width = 1.0 ms , duty cycle 1% 2. r gk current not included in measurement
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cr4c60 cr4c60 cr4c60 cr4c60 3 / 5 fig.1 fig.1 fig.1 fig.1 a verage and d.c.on-state current versusrsus ambient temperature (device mounted on fr4 with recommended pad layout) fig. fig. fig. fig. 2 2 2 2 maximum average power dissipation versus average on-state current fig. fig. fig. fig. 3 3 3 3 relative variation of gate trigger current and holding current versus junction temperature fig. fig. fig. fig. 4 4 4 4 surge peak on-state current versus number of cycles. fig.5 fig.5 fig.5 fig.5 relative variation of dv/dt immunity versus gate-cathode resistance(typical values) fig.6 fig.6 fig.6 fig.6 relative variation of dv/dt immunity v ersus gate-cathode capacitance (typical values)
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cr4c60 cr4c60 cr4c60 cr4c60 4 / 5 fig.7 fig.7 fig.7 fig.7 on-state characteristics (maximum values) fig.8 fig.8 fig.8 fig.8 thermal resistance junction to ambient versus copper surface under tab (epoxy printed circuit board fr4,copper thickness:35mm)
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cr4c60 cr4c60 cr4c60 cr4c60 5 / 5 to to to to -126 -126 -126 -126 package package package package dimension dimension dimension dimension unit: unit: unit: unit: mm mm mm mm


▲Up To Search▲   

 
Price & Availability of WCR4C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X